Part Number Hot Search : 
0A331 CTC2F CSD0106 D401A CTC2F CTC2F D401A 6800F
Product Description
Full Text Search
 

To Download LGX2E391MELZ35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100y tangent of loss angle (tan ) performance characteristics 10 0.1 2-2 (pc board hole dimensions) (terminal dimensions) 4.0 0.5 2.5 1.5 0.8 +0.2 -0.1 + 0 .2 -0 .1 0.8 +0.2 -0.1 polarity bar 10 l 2 d +1.5 max. 4.0 0.5 pressure relief vent 0.1 sleeve ( p.e.t. ) l 1 g 2 x 3 2 4 g 5 1 6 2 7 1 8 m 9 e 10 l 11 z 12 3 13 0 14 configuration case dia. code case length code capacitance tolerance ( 20%) rated capacitance (120 f) rated voltage (400v) series name type d 22 25 30 35 code z a b c drawing type numbering system (example : 400v 120 f) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current stability at low temperature endurance shelf life marking item ? 25 to +105? 200 to 450v 82 to 2200f 20% at 120hz, 20? i ( a) (after 5 minutes' application of rated voltage) [ c : rated capacitance ( ? ) v : voltage ( v ) ] printed with white color letter on black sleeve. measurement frequency : 120hz the specifications listed at right shall be met when the capacitors are restored to 20 ? after d.c. bias plus rated ripple current is applied for 5000 hours at 105 ? , the peak voltage shall not exceed the rated voltage. z 25?/ z+20? rated voltage(v) 200 250 400 450 48 impedance ratio (max.) aluminum electrolytic capacitors gx series snap-in terminal type, 105? long life assurannce, smaller-sized long life assurance series withstanding 5000 hours application of rated ripple current at 105 ?. suited for rectifier circuit of general inverter, switching power supply. compliant to the rohs directive (2002/95/ec). dimension table in next page. the other terminal is also available upon request. please refer page 265 for schematic of dimensions. after storing the capacitors under no load at 105c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20?, they shall meet the requirements listed at right. capacitance change leakage current tan within 15% of the initial capacitance value less than or equal to the initial specified value 150% or less than the initial specified value capacitance change leakage current tan within 20% of the initial capacitance value less than or equal to the initial specified value 200% or less than the initial specified value 3 cv gx measurement frequency : 120hz, temperature : 20 c rated voltage(v) tan (max.) 200 to 400 0.15 450 0.20 minimum order quantity : 50pcs. gy smaller
cat.8100y minimum order quantity : 50pcs. frequency coefficient of rated ripple current frequency (hz) 400 450v coeff. 50 60 120 300 1k 10k 50k or more 0.77 0.82 1.00 1.16 1.30 1.41 1.43 0.81 0.85 1.00 1.17 1.32 1.45 1.50 200 250v gx series aluminum electrolytic capacitors dimensions 330 390 470 560 680 820 1000 1200 1500 1800 2200 22 25 22 30 22 35 25 25 22 35 22 40 25 35 30 30 22 50 25 40 25 45 30 35 35 30 25 50 30 40 35 35 30 50 35 40 35 45 35 50 1100 1380 1550 1390 1550 1730 1870 1980 2180 2090 2350 2220 2610 2400 2530 2880 3000 3080 3280 3450 0.77 0.83 0.91 0.91 1.00 1.10 1.10 1.10 1.21 1.21 1.34 1.34 1.34 1.46 1.46 1.46 1.64 1.64 1.80 1.98 lgx2d331melz25 lgx2d391melz30 lgx2d471melz35 lgx2d471mela25 lgx2d561melz35 lgx2d681melz40 lgx2d681mela35 lgx2d681melb30 lgx2d821melz50 lgx2d821mela40 lgx2d102mela45 lgx2d102melb35 lgx2d102melc30 lgx2d122mela50 lgx2d122melb40 lgx2d122melc35 lgx2d152melb50 lgx2d152melc40 lgx2d182melc45 lgx2d222melc50 200v ( 2d ) 270 330 390 470 560 680 820 1000 1200 1500 1800 22 25 22 30 25 25 22 35 25 30 22 40 25 35 30 25 22 45 25 35 30 30 22 50 25 40 30 35 35 25 25 45 30 35 35 30 30 40 35 35 30 50 35 40 35 45 35 50 1010 1200 1320 1440 1430 1620 1600 1510 1800 1780 1830 2000 2000 2060 1910 2150 2060 2150 2330 2380 2680 2720 3050 3300 0.77 0.86 0.86 0.93 0.93 1.02 1.02 1.02 1.12 1.12 1.12 1.23 1.23 1.23 1.23 1.35 1.35 1.35 1.50 1.50 1.64 1.64 1.83 2.01 lgx2e271melz25 lgx2e331melz30 lgx2e331mela25 LGX2E391MELZ35 lgx2e391mela30 lgx2e471melz40 lgx2e471mela35 lgx2e471melb25 lgx2e561melz45 lgx2e561mela35 lgx2e561melb30 lgx2e681melz50 lgx2e681mela40 lgx2e681melb35 lgx2e681melc25 lgx2e821mela45 lgx2e821melb35 lgx2e821melc30 lgx2e102melb40 lgx2e102melc35 lgx2e122melb50 lgx2e122melc40 lgx2e152melc45 lgx2e182melc50 250v ( 2e ) 100 120 150 180 220 270 330 390 470 560 680 22 25 22 30 22 35 25 25 22 35 25 30 30 25 22 45 25 35 22 50 25 40 30 30 35 25 25 45 30 35 25 50 30 40 35 30 30 45 35 35 35 40 35 45 660 750 860 860 860 970 1020 1090 1120 1230 1260 1270 1220 1300 1430 1440 1600 1520 1810 1670 1900 2120 0.60 0.65 0.73 0.73 0.80 0.80 0.80 0.88 0.88 0.98 0.98 0.98 0.98 1.08 1.08 1.18 1.18 1.18 1.30 1.30 1.41 1.56 lgx2g101melz25 lgx2g121melz30 lgx2g151melz35 lgx2g151mela25 lgx2g181melz35 lgx2g181mela30 lgx2g181melb25 lgx2g221melz45 lgx2g221mela35 lgx2g271melz50 lgx2g271mela40 lgx2g271melb30 lgx2g271melc25 lgx2g331mela45 lgx2g331melb35 lgx2g391mela50 lgx2g391melb40 lgx2g391melc30 lgx2g471melb45 lgx2g471melc35 lgx2g561melc40 lgx2g681melc45 400v ( 2g ) 82 100 120 150 180 220 270 330 390 470 560 22 25 22 30 25 25 22 35 25 30 22 40 25 30 30 25 22 45 25 35 30 30 35 25 25 40 30 35 35 25 25 50 30 40 35 30 30 45 35 35 30 50 35 40 35 45 35 50 590 690 700 770 880 880 880 930 900 920 1030 1100 1030 1170 1100 1310 1330 1240 1510 1390 1670 1730 1830 1980 0.57 0.63 0.63 0.69 0.69 0.77 0.77 0.77 0.85 0.85 0.85 0.85 0.94 0.94 0.94 1.04 1.04 1.04 1.15 1.15 1.25 1.25 1.37 1.50 lgx2w820melz25 lgx2w101melz30 lgx2w101mela25 lgx2w121melz35 lgx2w121mela30 lgx2w151melz40 lgx2w151mela30 lgx2w151melb25 lgx2w181melz45 lgx2w181mela35 lgx2w181melb30 lgx2w181melc25 lgx2w221mela40 lgx2w221melb35 lgx2w221melc25 lgx2w271mela50 lgx2w271melb40 lgx2w271melc30 lgx2w331melb45 lgx2w331melc35 lgx2w391melb50 lgx2w391melc40 lgx2w471melc45 lgx2w561melc50 450v ( 2w ) rated ripple (ma) leakage current (ma) code size d l(mm) cap. (f) rated ripple (ma) leakage current (ma) code size d l(mm) cap. (f) rated ripple (ma) leakage current (ma) code size d l(mm) cap. (f) rated ripple ( ma ) leakage current (ma) code size d l(mm) cap. (f) rated ripple current (marms) at 105 c 120hz


▲Up To Search▲   

 
Price & Availability of LGX2E391MELZ35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X